|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
28/10/2010 v8.0 1 features: > high brightness surface mount led. > 120 viewing angle. > small package outline (lxwxh) of 3.2 x 2.8 x 1.8mm. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. domiled tm synonymous with function and performance, the domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: domiled tm alingap : ddx-xrs ? 2005 domiled is a trademark of dominant opto technologies. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > communication: indicator and backlight in mobilephone. > display: full color display video notice board. > industrial: white goods (eg: oven, microwave, etc.). dominant opto technologies innovating illumination tm
28/10/2010 v8.0 2 ddh-crs-pq2-1 ddh-srs-qr2-1 dds-crs-qr2-1 dds-crs-rs1-1 dds-srs-qr2-1 ddr-crs-rs2-1 ddr-srs-rs2-1 ddr-trs-tu2-1 dda-crs-rs2-1 dda-srs-st2-1 ddo-crs-rs2-1 DDO-CRS-ST2-1 ddo-srs-st2-1 ddy-crs-rs2-1 ddy-crs-st1-1 ddy-srs-st2-1 ddy-trs-tu2-1 ddg-crs-pq2-1 ddg-crs-qr2-1 ddg-srs-qr2-1 hyper-red, 640nm super-red, 632nm red, 625nm amber, 615nm orange, 605nm yellow, 587nm green, 570nm 120 120 120 120 120 120 120 45.0 71.5 71.5 112.5 71.5 112.5 112.5 285.0 112.5 180.0 112.5 180.0 180.0 112.5 180.0 180.0 285.0 45.0 71.5 71.5 allngap : ddx-xrs part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) note 1. all part number above comes in a quantity of 2000 units per reel. 2. other luminous intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. 5. an optional vf binning is also available upon request. binning scheme is as per following table. min. typ. max. 71.5 112.5 112.5 140.0 112.5 180.0 180.0 285.0 180.0 285.0 180.0 285.0 285.0 180.0 224.0 285.0 450.0 71.5 112.5 112.5 112.5 180.0 180.0 224.0 180.0 285.0 285.0 715.0 285.0 450.0 285.0 450.0 450.0 285.0 355.0 450.0 715.0 112.5 180.0 180.0 optical characteristics at tj=25?c dominant opto technologies innovating illumination tm 28/10/2010 v8.0 3 wavelength distribution (nm) allngap : ddx-xrs typ. (v) vf @ if = 20ma forward voltage, vf is measured with an accuracy of 0.1 v. electrical characteristics at tj=25?c max. (v) vr @ ir = 100ua min. (v) part number dda, dds, ddr-cjs, ddr-sjs, ddg, ddh, ddo, ddy-cjs, ddy-sjs ddr-tjs, ddy-tjs 2.1 2.2 2.3 2.6 12 12 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) 30 1000 12 2 125 -40 +100 -40 +100 75 ma ma v kv ?c ?c ?c mw optical characteristics at tj=25?c dominant opto technologies innovating illumination tm group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25?c wavelength distribution (nm) color ddh; hyper-red dds; super-red ddr-cr, -sr; red (as) ddr-tr; red (ts) dda; amber ddo; orange ddy; yellow ddg; green full full full full full w x full w x y z full w x y z full w x y z 636 - 646 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 28/10/2010 v8.0 4 allngap : ddx-xrs dominant opto technologies innovating illumination tm forward voltage (v) vf binning (optional) vf bin @ 20ma 01 02 03 04 1.55 1.85 1.85 2.15 2.15 2.45 2.45 2.75 forward voltage, vf is measured with an accuracy of 0.1 v. 28/10/2010 v8.0 5 allngap : ddx-xrs p1 p2 q1 q2 r1 r2 s1 s2 t1 t2 u1 u2 45.0...56.0 56.0...71.5 71.5...90.0 90.0...112.5 112.5...140.0 140.0...180.0 180.0...224.0 224.0...285.0 285.0...355.0 355.0...450.0 450.0...560.0 560.0...715.0 brightness group luminous intensity @ iv (mcd) luminous intensity group at tj=25?c luminous intensity is measured with an accuracy of 11%. dominant opto technologies innovating illumination tm relative intensity vs forward current forward current; ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage (as alingap) forward voltage; v forward current; ma 1.2 1.4 1.6 1.8 2 2.2 2.4 0 5 10 15 20 25 30 35 forward current vs forward voltage (ts alingap) forward voltage, v forward current; ma 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 5 10 15 20 25 30 35 maximum forward current vs temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 relative intensity vs wavelength wavelength; nm 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 28/10/2010 v8.0 6 allngap : ddx-xrs 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 radiation pattern relative intensity super red red amber orange hyper red green yellow dominant opto technologies innovating illumination tm 28/10/2010 v8.0 7 allngap : ddx-xrs domiled tm ? allngap : ddx-xrs package outlines material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa epoxy sn plating dominant opto technologies innovating illumination tm 28/10/2010 v8.0 8 allngap : ddx-xrs recommended solder pad dominant opto technologies innovating illumination tm 28/10/2010 v8.0 9 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 180 mm. allngap : ddx-xrs dominant opto technologies innovating illumination tm 28/10/2010 v8.0 10 packaging specifcation allngap : ddx-xrs dominant opto technologies innovating illumination tm 28/10/2010 v8.0 11 packaging specifcation average 1pc domiled / multi domiled 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 96 reels max small large for domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 30,000 max 192,000 max weight (gram) 0.034 190 10 allngap : ddx-xrs dominant tm d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm 28/10/2010 v8.0 12 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle allngap : ddx-xrs dominant opto technologies innovating illumination tm 28/10/2010 v8.0 13 allngap : ddx-xrs revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . page - 2 - 2 subjects add new partno: dds-crs-rs1-1; ddy-crs-st1-1 add new partno: ddg-crs-qr2-1 update company name add new partno: DDO-CRS-ST2-1 date of modifcation 18 nov 2008 09 sep 2009 31 may 2010 28 oct 2010 dominant opto technologies innovating illumination tm alingap : ddx-xrs about us dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant semiconductors malaysia sdn. bhd. shanghai representative office dominant semiconductors (shenzhen) co. ltd. rm 1007, dazhong building, no. 1515 zhong shan (w) rd, shanghai, china 200235 tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com dominant opto technologies innovating illumination tm |
Price & Availability of DDO-CRS-ST2-1 |